Part Number Hot Search : 
FMLG22 0P1F0 PZM20N CA3080AE HC125 02M186RP AD8602AR IDM37SH5
Product Description
Full Text Search
 

To Download HOA088X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solid, sensitive solutions. optoelectronics integrates optical principles and semi-conductor electronics the inter-conversion of electricity to light. in electronic systems where feedback and control systems are common, these infrared sensors are often critical. honeywell sensing and control (s&c) offers a broad selection of often reliable, cost-effective, off-the-shelf optoelectronic sensor solutions for many potential applications including printers and copiers, metering and data storage systems, liquid-level sensing, motion control, scanning, automated transactions, barcode readers, drop sensors, and other medical equipment. we also provide a wide array of custom solutions ranging from special electrical selections, special markings, wiring, and connectors to completely unique housings or integrated circuits. features reflective sensors hoa1395. features: side-looking plastic package ? phototransistor output ? infrared emitter and phototransistor detector in a single package ? low profle for design fexibility ? designed for short-distance detection ? enhanced sensitivity ? unfocused for sensing diffused surfaces benefts: miniature infrared sensor designed to sense refective objects at short distances. infrared emitter and phototransistor are mounted side-by-side with an integral barrier to minimize cross- talk. hoa0149. features: phototransistor output ? focused for maximum response ? low-profle housing ? plastic abs molded housing benefts: an infrared emitter and phototransistor encased side-by-side on converging optical axes. phototransistor infrared sensors line guide continued on page 10 responds to radiation from an infrared transmitter only when a refective object passes within its feld of view. hoa1180. features: choice of phototransistor or photodarlington output ? enhanced sensitivity ? wide operating temperature -55 c to 100 c [-67 f to 212 f] ? 305 mm [12 in] min. 28 awg pvc insulated wire leads ? metal can packaged components benefts: consists of an infrared emitter and phototransistor or photodarlington encased side-by-side on converging axes. detector responds to radiation from an infrared emitter only when a refective object passes within its feld of view. hoa1397. features: choice of phototransistor or photodarlington output ? low profle for design sensitivity ? unfocused for sensing diffused surfaces ? plastic-molded components benefts: an infrared emitter and phototransistor or photodarlington encased side-by-side on parallel axes. detector responds to radiation from infrared emitter only when a refective object passes within its feld of view. potential applications include presence sensing, motion sensing, movement detection, and counting. hoa1405. features: phototransistor output ? focused for maximum response ? ambient light and dust protective flter ? plastic-molded components benefts: an infrared emitter and phototransistor encased side-by-side on converging optical axes. phototransistor responds to radiation from an infrared emitter only when a refective object passes within its feld of view. employs an ir transmissive flter to minimize the effects of visible ambient light and to provide a smooth optical face which prevents the accumulation of airborne unless otherwise noted, potential applications include printers and copiers, motion control systems, metering systems, liquid-level sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.
hoa1397 hoa1405 hoa2498 package style pc mount pc/chassis mount pc/chassis mount coupled current 0.7 ma 0.8 ma 0.16 ma forward current 20 ma 30 ma 30 ma optimum point of response 1,27 mm [0.05 in] 5,08 mm [0.2 in] 12,7 mm [0.5 in] mounting confguration pcb mount mounting tab mounting tab termination style 0.020 in sq leads 0.020 in sq leads 0.018 dia leads hlc1395 hoa0149 hoa1180 package style miniature pc/chassis mount chassis mount coupled current (ic) minimum 0.6 ma 1 ma 0.16 ma forward current 10 ma 40 ma 30 ma optimum point of response 1,02 mm [0.04 in] 3,80 mm [0.15 in] 12,7 mm [0.5 in] mounting confguration pcb mount pcb or 0.085 in dia mounting hole mounting tab termination style 0.020 in sq leads 0.020 in sq leads 28 awg pvc insulated wire leads 2 www.honeywell.com/sensing infrared sensors line guide refective sensors refective sensors often reliable, cost-effective performance. often ideal for object presence, line consists of refective and refective: an infrared emitter side-by-side. detector responds emitter when a refective object transmissive: through a feld object passes through the slot, detectors: available in a infrared wavelengths. analog and photodarlingtons. digital emitters: available in a variety available in transfer-molded basic chip types are used: gaas and algaas. encoders: sensing speed and direction or mechanical motion, these pc-mount, plastic conjunction with an encoder disk or linear encoder strip. as
www.honeywell.com/sensing 3 hoa1877 hoa0825 hoa086x hoa1879 sensor aperture 1,52 mm [0.06 in] dia 1,52 mm [0.06 in] dia 1,52 mm x 1,27 mm [0.06 in x 0.05 in] 1,02 mm x 0,25 mm [0.04 in x 0.01 in] slot width 9,53 mm [0.375 in] 4,19 mm [0.165 in] 3,18 mm [0.125 in] 3,18 mm [0.125 in] rise/fall time (typ.) 15 ns 15 ns 15 ns 15 ns coupled current (ic) min. 0.5 ma 0.5 ma 1 ma 0.5 ma collector-emitter breakdown voltage (min.) 30 v 30 v 30 v 30 v mounting confguration mounting tabs n, l, t, p mounting options n, l, t, p mounting options mounting tabs termination style 0.018 in diameter leads 0.020 sq leads 0.020 in sq leads 0.020 in sq leads transmissive sensors sdp8475-201 sdp8476-201 package style t-1 sidelooker angular response 20 50 light current (min.) 4 ma 1 ma light current (max.) 14 ma 6 ma light current slope 4 ma/mw/cm2 to 14 ma/mw/cm2 1 ma/mw/cm2 to 6 ma/mw/cm2 mounting confguration through-hole through-hole termination style 0.020 in sq leads 0.020 in sq leads low light rejection phototransistors
hoa1882 HOA088X hoa1870 sensor aperture 1,52 mm [0.06 in] dia 1,52 mm x 0,25 mm [0.06 in x 0.01 in] 1,02 mm x 0,15 mm [0.04 in x 0.006 in] slot width 5,08 mm [0.20 in] 3,18 mm [1.25 in] 0,78 mm [0.07 in] rise/fall time (typ.) 15 ms 15 ns 15 ns coupled current (ic) min. 1.8 ma 0.5 ma 0.3 ma collector-emitter breakdown voltage (min.) 30 v 30 v 30 v mounting confguration pcb mount n, l, t, p mounting options mounting tab termination style 0.020 in sq leads 26 awg ul 1429 wire leads 22 awg ul 1007 wire leads 4 www.honeywell.com/sensing infrared sensors line guide transmissive sensors sd5600 sd5610 sd5620 sd5630 sdp8600 sdp8610 package style to-46 dome lensed to-46 dome lensed to-46 dome lensed to-46 dome lensed side-detecting side-detecting package components metal metal metal metal plastic plastic angular response 12 12 12 12 50 50 turn-on threshold irradiance 2.5 mw/cm 2 max. 2.5 mw/cm 2 max. 0.25 mw/cm 2 0.25 mw/cm 2 2.5 mw/cm 2 max. 2.5 mw/cm 2 max. output logic buffer inverter buffer inverter buffer inverter supply voltage (range) 4.5 vdc to 16 vdc 4.5 vdc to 16 vdc 4.5 vdc to 16 vdc 4.5 vdc to 16 vdc 4.5 vdc to 12 vdc 4.5 vdc to 12 vdc mounting confguration through-hole through-hole through-hole through-hole through-hole through-hole termination style 0.018 in round leads 0.018 in round leads 0.018 in round leads 0.018 in round leads 0.020 in sq leads 0.020 in sq leads optoschmitt detectors
sd1410(l) sd2410 sd3410 sd5410 sdp8105 sdp8106 package style coaxial, leaded case miniature pill to-46 fat window to-46 dome lensed t1 side-detecting angular response 24 48 90 12 50 50 light current minimum 0.6 ma 1 ma 0.6 ma 2 ma 0.5 ma 1 ma dark current 250 na 250 na 250 na 250 na 250 na 250 na rise/fall time 75 ms typ. 75 ms typ. 75 ms typ. 75 ms typ. 75 ms typ. 75 ms typ. mounting confguration through-hole through-hole through-hole through-hole through-hole through-hole termination style 0.018 in round leads 0.062 in hole 0.018 in round leads 0.018 in round leads 0.020 in sq leads 0.020 in sq leads hoa096x/hoa097x hoa696x/hoa697x hoa698x/hoa699x hoa7720/hoa7730 housing type (material) transmissive/opaque transmissive/opaque transmissive/opaque transmissive sensor aperture 1,52 mm x 0,25 mm [0.06 in x 0.01 in]; 1,52 mm x 1,27 mm [0.06 in x 0.05 in] 1,52 mm x 0,25 mm [0.06 in x 0.01 in]; 1,52 mm x 1,27 mm [0.06 in x 0.05 in] 1,52 mm x 0,25 mm [0.06 in x 0.01 in]; 1,52 mm x 1,27 mm [0.06 in x 0.05 in] 1,78 mm x 0,51 mm [0.07 in x 0.02 in]; 1,52 mm x 1,27 mm [0.06 in x 0.05 in] slot width 3,18 mm [0.125 in] 3,18 mm [0.125 in] 3,18 mm [0.125 in] 3 mm [0.118 in] output (type) 10 kohm pull-up open collector/totem-pole 10 kohm pull-up open collector/totem-pole 10 kohm pull-up totem-pole/open collector output logic buffer/inverter buffer/inverter buffer/inverter inverter supply voltage (range) 4.5 v to 10 v 4.5 v to 7 v 4.5 v to 12 v 4.5 v to 5.5 v rise/fall time 60 ns tr/15 ns tf 70 ns tr/70 ns tf 70 ns tr/70 ns tf 70 ns tr/70 ns tf propagation delay 5 ms 5 ms 5 ms 5 ms mounting confguration n, l, t, p mounting options n, l, t, p mounting options n, l, t, p mounting options mounting tabs termination style 0.020 in sq leads 0.020 in sq leads 26 awg wire leads integral 3-pin connector www.honeywell.com/sensing 5 photodarlington detectors optoschmitt sensors
infrared sensors line guide sd2420 sd5421 sdp8276 sd1420(l) smd2420 package style miniature pill to-46, dome lensed side-detecting coaxial, leaded case surface mount, glass lens angular response 48 18 50 24 28 light current minimum 7 ma 40 ma 4 ma 5 ma 6 ma reverse breakdown voltage 50 v 75 v 50 v 50 v 50 v rise/fall time 50 ns 15 ns 50 ns 50 ns 20 ns dark current 20 na max. 20 na max. 50 na max. 5 na max. 5 na max. mounting confguration through-hole through-hole through-hole through-hole smt termination style 0.062 in hole 0.018 in round leads 0.020 sq leads 0.018 in round leads smt photodiode detectors 6 www.honeywell.com/sensing se1450(l) se1470(l) se2460 se2470 type gaas aigaas gaas aigaas package style coaxial, lead case coaxial, lead case miniature pill miniature pill beam angle 24 24 18 18 power output 0.7 mw min. 1.1 mw/cm 2 to 4.5 mw/cm 2 1 mw min. 6 mw/sr min. output wavelength 935 nm 880 nm 935 nm 880 nm spectral bandwidth 50 nm 80 nm 50 nm 80 nm forward voltage 1.6 v 1.8 v 1.6 v 1.8 v mounting confguration through-hole through-hole through-hole through-hole termination style 0.018 in round leads 0.018 in round leads 0.062 in hole 0.062 in hole emitters - metal package
www.honeywell.com/sensing 7 se3455 se3470 se5455 se5470 type gaas aigaas gaas aigaas package style to-46 fat window to-46 fat window to-46 dome lensed to-46 dome lensed beam angle 90 90 20 20 power output 5.4 mw min. 10.5 mw min. 4.8 mw min. 2.6 mw/cm 2 min. output wavelength 935 nm 880 nm 935 nm 880 nm spectral bandwidth 50 nm 80 nm 50 nm 80 nm forward voltage 1.7 v 1.9 v 1.7 v 1.9 v mounting confguration through-hole through-hole through-hole through-hole termination style 0.018 in round leads 0.018 in round leads 0.018 in round leads 0.018 in round leads emitters - metal package sep8505 sep8506 sep8705 sep8706 sep8736 sme2470 type gaas gaas algaas aigaas aigaas algaas package style t1 side emitting t1 side emitting tight beam side looker surface mount, glass lens beam angle 15 50 15 50 10 24 power output 2 mw/cm 2 to 4 mw/cm 2 0.33 mw/cm 2 to 0.52 mw/cm 2 2.7 mw/cm 2 to 7.8 mw/cm 2 0.45 mw/cm 2 to 0.9 mw/cm 2 1.2 mw/cm 2 to 3 mw/cm 2 0.6 mw/cm 2 min. output wavelength 935 nm 935 nm 880 nm 880 nm 880 nm 880 nm spectral bandwidth 50 nm 50 nm 80 nm 80 nm 80 nm 80 nm forward voltage 1.5 v 1.5 v 1.7 v 1.7 v 1.7 v 1.5 v mounting confguration through-hole through-hole through-hole through-hole through-hole smt termination style 0.018 in round leads 0.018 in round leads 0.020 in sq leads 0.020 in sq leads 0.020 in sq leads smt emitters - plastic and ceramic package
infrared sensors line guide sd1440(l) sd2440 sd3443 sd5443 sd5491 package style coaxial, leaded case miniature, pill to-46 fat window to-46 dome lensed to-18 dome lensed angular response 24 48 90 18 12 light current minimum 3 ma 7 ma 2 ma 8 ma 2 ma peak response 880 nm 880 nm 880 nm 880 nm 880 nm rise/fall time 15 ms typ. 15 ms typ. 15 ms typ. 15 ms typ. 2 ms typ. mounting confguration through-hole through-hole through-hole through-hole through-hole termination style 0.018 in round leads 0.062 hole 0.018 in round leads 0.018 in round leads 0.018 in round leads phototransistors - metal package 8 www.honeywell.com/sensing sdp8405 sdp8406 sdp8436 smd2440 package style t1 side detecting tight beam sidelooker ceramic surface mount, glass lens angular response 20 50 18 28 light current minimum 12 ma 1.8 ma 7 ma 1.5 ma peak response 880 nm 880 nm 880 nm 880 nm rise/fall time 15 ms typ. 15 ms typ. 15 ms typ. 15 ms typ. mounting confguration through-hole through-hole through-hole smt termination style 0.020 in sq leads 0.020 in sq leads 0.020 in sq leads smt phototransistors - plastic and ceramic package
hlc2701 hlc2705 type side-looking side-looking output option speed/direction (a-b output) speed/direction (tach output) resolution 0,03 mm [0.009 in] 0,46 mm [0.018 in] package style (plastic) pc mount pc mount tach pulse width C 3 ms to 20 ms tach pulse level, active C 0.4 v output rise/fall time 100 ns C supply voltage 4.5 v to 5.5 v 4.5 v to 5.5 v mounting confguration through-hole through-hole termination style 0.020 in sq leads 0.020 in sq leads www.honeywell.com/sensing 9 encoder detectors hoa0901 hoa0902 type sensor sensor output option speed/direction (a-b output) speed/direction (tach output) resolution 0,03 mm [0.009 in] 0,46 mm [0.018 in] package style (transmissive) pc mount pc mount tach pulse width C 3 ms to 20 ms tach pulse level, active C 0.4 v output rise/fall time 100 ns C infrared emitter trigger current <15 ma <15 ma supply voltage 4.5 v to 5.5 v 4.5 v to 5.5 v mounting confguration dual mounting tabs (-012 or no tab pcb mount) (-011) dual mounting tabs (-012 or no tab pcb mount) (-011) termination style 0.020 in sq leads 0.020 in sq leads transmissive encoders
contaminants in the optical path. potential applications include presence and motion sensing, position encoding, limit sensing, movement detection, and counting. hoa2498. features: choice of phototransistor or photodarlington output ? focused for maximum response ? wide operating temperature -55 c to 100 c [-67 f to 212 f] ? metal-can packaged components benefts: an infrared emitter and phototransistor or photodarlington encased side-by-side on optical axes. detector responds to radiation from infrared emitter only when a refective object passes within its feld of view. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. low light rejection phototransistors sdp8475-201. features: t-1 plastic package ? low light level immunity ? 20 (nominal) acceptance angle ? mechanically and spectrally matched to sep8505 and sep8705 infrared emitters benefts: phototransistor with internal base-emitter shunt resistance. transfer molding of this device provides enhanced optical centerline performance. lead lengths are staggered to provide a simple method of polarity identifcation. provides high contrast ratio in refective applications where unwanted background refection is a possibility. potential applications include those which require ambient light rejection, or in transmissive applications where the interrupter media is semi-transparent to infrared energy. sdp8476-201. features: side-looking plastic package ? low light level immunity ? 50 (nominal) acceptance angle ? mechanically and spectrally matched to sep8506 and sep8706 infrared emitters benefts: phototransistor with internal base-emitter shunt resistance. transfer molding of this device provides enhanced optical centerline performance. lead lengths are staggered to provide a simple method of polarity identifcation. provides high contrast ratio in refective applications where unwanted background refection is a possibility. potential applications include those which require ambient light rejection, or in transmissive applications where the interrupter media is semi-transparent to infrared energy. transmissive sensors hoa1877. features: choice of phototransistor or photodarlington output ? wide operating temperature -55 c to 100 c [-67 f to 212 f] ? 12,7 mm [0.5 in] high optical axis position ? 9,52 mm [0.375 in] slot width ? metal can packaged components benefts: an infrared emitter facing a phototransistor or photodarlington. detector switching takes place whenever an opaque object passes through the slot between emitter and detector. hoa0825. features: phototransistor output ? four mounting confgurations ? 4,2 mm [0.165 in] slot ? plastic-molded components benefts: an infrared emitter facing a phototransistor or photodarlington. slot in the housing between emitter and detector provides the means for mechanically interrupting the emitter beam. phototransistor switching takes place when an opaque object passes through the slot between emitter and detector. hoa086x. features: phototransistor output ? often accurate position sensing ? four mounting confgurations ? 3,18 mm [0.125 in] slot width ? choice of opaque or ir transmissive housings ? options include mounting tab confgurations, lead spacing, electro-optical characteristics, detector aperture size, and housing materials ? plastic-molded components benefts: an ir transmissive polysulfone housing features smooth optical faces without external aperture openings (desirable when aperture blockage from airborne contaminants is a possibility). hoa1879. features: phototransistor output ? often accurate position sensing ? choice of detector aperture ? 3,18 mm [0.125 in] slot width ? dust protective housing ? plastic-molded components benefts: infrared emitter facing a phototransistor. switching takes place whenever an opaque object passes through the slot between emitter and detector. employs an ir transmissive housing which features smooth optical faces without external aperture openings (desirable when aperture blockage from airborne contaminants is a possibility). often ideal where maximum position resolution is desired. hoa1882. features: choice of phototransistor or photodarlington output ? compact package size ? dust protective housing ? 5,08 mm [0.200 in] slot width ? plastic- molded components benefts: an infrared emitter facing a phototransistor or photodarlington. detector switching takes place when an opaque object passes through the slot between emitter and detector. employs an ir transmissive housing which features smooth optical faces without external aperture openings; desirable when aperture blockage from airborne contaminants is a possibility. HOA088X. features: phototransistor output ? four mounting confgurations ? often accurate position sensing ? 3,18 mm [0.125 in] slot width ? 24 in [610 mm] min. 26 awg ul 1429 leads ? opaque or ir transmissive housings ? options of mounting tab confgurations, lead spacing, electro- optical characteristics, & detector aperture size 10 www.honeywell.com/sensing unless otherwise noted, potential applications include printers and copiers, motion control systems, metering systems, liquid-level sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.
www.honeywell.com/sensing 11 benefts: an infrared emitter facing a phototransistor. phototransistor switching takes place whenever an opaque object passes through the slot between emitter and detector. employs a built-in strain relief for maximum wire attachment strength. utilizes an ir transmissive polysulfone housing which features smooth optical faces without external aperture openings; desirable when aperture blockage from airborne contaminants is a possibility. hoa1870. features: choice of phototransistor or photodarlington output ? often accurate position sensing ? 1,78 mm [0.07 in] slot width ? 18 in [457 mm] min. 22 awg ul 1007 wire leads ? plastic-molded components ? narrow dual 0.006 in wide apertures over emitter and detector provide sharp switch point/high resolution benefts: an infrared emitter facing a phototransistor or photodarlington. detector switching takes place whenever an opaque object passes through the slot between emitter and detector. lead wires provide alternate electrical connection when pc board mounting is not possible. often ideal for use in potential applications in which maximum position resolution is desired. optoschmitt detectors sd5600/sd5610. features: to-46 metal-can package ? 6 (nominal) acceptance angle ? enhanced noise immunity output ? ttl/lsttl/cmos compatible ? buffer (sd5600) or inverting (sd5610) logic available ? mechanically and spectrally matched to se3450/5450, se3455/5455, and se3470/5470 infrared emitters benefts: single chip optoschmitt ic detectors mounted in a to-46 metal-can package. photodetector consists of a photodiode, amplifer, voltage regulator, schmitt trigger, and an npn output transistor with 10 kohm (nominal) pull- up resistor. output rise and fall times are independent of the rate of change of incident light. detector sensitivity has been internally temperature compensated. often suited for operating in hostile environments. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. sd5620/sd5630. features: to-46 metal-can package ? 6 (nominal) acceptance angle ? ttl/ lsttl/cmos compatible ? enhanced noise immunity output ? buffer (sd5620) or inverting (sd5630) logic available ? two sensitivity ranges ? mechanically and spectrally matched to se3450/5450, se3455/5455, and se3470/5470 infrared emitters benefts: single chip optoschmitt ic detectors mounted in a to-46 metal-can package. photodetector consists of a photodiode, amplifer, voltage regulator, schmitt trigger, and an npn output transistor with 10 kohm (nominal) pull- up resistor. output rise and fall times are independent of the rate of change of incident light. detector sensitivity has been internally temperature compensated. often suited for operating in hostile environments. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. sdp8600/sdp8610. features: side-looking plastic package ? 55 (nominal) acceptance angle ? wide sensitivity ranges ? ttl/lsttl/ cmos compatible ? buffer (sdp8600) or inverting (sdp8610) logic available ? three different lead spacing arrangements: inline, offset pin circle, and offset center lead ? mechanically and spectrally matched to sep8506 and sep8706 infrared emitters benefts: single chip optoschmitt ic detectors molded in a side-looking black plastic package to minimize the effect of visible ambient light. photodetector consists of a photodiode, amplifer, voltage regulator, schmitt trigger, and an npn output transistor with a 10 kohm (nominal) pull-up resistor. output rise and fall times are independent of the rate of change of incident light. detector sensitivity has been internally temperature compensated. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. optoschmitt sensors (transmissive) hoa096x/hoa097x . features: direct ttl interface ? often accurate position sensing ? four mounting confgurations ? buffer or inverting logic available ? choice of detector aperture, mounting tab confgurations, and housing material ? 0.125 in [3.18 mm] slot width ? plastic-molded components benefts: infrared emitter facing an optoschmitt detector. detector switching takes place whenever an opaque object passes through the slot between emitter and detector. photodetector consists of a photodiode, amplifer, voltage regulator, schmitt trigger, and an npn output transistor with 10 kohm (nominal) pull-up resistor. hoa096x series utilizes an ir transmissive polysulfone housing which features smooth optical faces without external aperture openings; desirable when aperture blockage from airborne contaminants is a possibility. the hoa097x series employs an opaque polysulfone housing with aperture openings for use in potential applications where maximum rejection of ambient light is important and in situations in which maximum position resolution is desired. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. hoa696x/hoa697x . features: direct ttl interface ? buffer or inverting logic available ? three device output options ? four mounting confgurations ? choice of detector aperture, mounting tab confgurations, unless otherwise noted, potential applications include printers and copiers, motion control systems, metering systems, liquid-level sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.
detector output confguration, and housing material ? 0.125 in [3.18 mm] slot width ? plastic-molded components benefts: infrared emitter facing an optoschmitt detector. detector switching takes place whenever an opaque object passes through the slot between emitter and detector. photodetector consists of a photodiode, amplifer, voltage regulator, schmitt trigger and various output confgurations. hoa696x series utilizes an ir transmissive polysulfone housing which features smooth optical faces without external aperture openings; desirable when aperture blockage from airborne contaminants is a possibility. the hoa697x series employs an opaque polysulfone housing with aperture openings for use in potential applications where maximum rejection of ambient light is important and in situations in which maximum position resolution is desired. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. hoa698x/hoa699x . features: direct ttl interface ? buffer or inverting logic available ? three device output options ? four mounting confgurations ? choice of detector aperture, mounting tab confgurations, detector output confguration, and housing material ? 0.125 in [3.18 mm] slot width ? 610 mm [24 in] min. 26 awg ul 1429 wire leads ? plastic-molded components benefts: infrared emitter facing an optoschmitt detector. detector switching takes place whenever an opaque object passes through the slot between emitter and detector. photodetector consists of a photodiode, amplifer, voltage regulator, schmitt trigger, and various output confgurations. hoa698x series utilizes an ir transmissive polysulfone housing which features smooth optical faces without external aperture openings; desirable when aperture blockage from airborne contaminants is a possibility. the hoa699x series employs an opaque polysulfone housing with aperture openings for use in potential applications where maximum rejection of ambient light is important and in situations in which maximum position resolution is desired. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. hoa7720/7730. features: direct ttl interface ? infrared emitter internally biased ? no interface circuits required ? inverting logic ? two device output options: totem-pole or open collector ? enhanced resolution ? 3,00 mm [0.118 in] slot width ? plastic-molded components benefts: infrared emitter facing an optoschmitt detector. detector switching takes place whenever an opaque object passes through the slot between emitter and detector. photodetector consists of a photodiode, amplifer, voltage regulator, and schmitt trigger with two confgurations. totem-pole output is suited for potential applications which require fast transition times. open collector allows the output of the sensor to interface with circuit elements driven by supply voltages other than the vcc supply. narrow aperture is often ideal for use in potential applications in which maximum rejection of ambient light is important, and maximim position resolution is desired. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. photodarlingtons sd1410(l) features: compact metal-can coaxial package ? 24 (nominal) acceptance angle ? higher typical output currents ? wide sensitivity ranges ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? mechanically and spectrally matched to se1450 and se1470 infrared emitters benefts: photodarlington mounted in a glass-lensed metal-can coaxial package. may have a tab or second lead welded to the can as an optional feature. both leads are fexible and may be formed to ft various mounting confgurations. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. sd2410. features: miniature, hermetically sealed, pill style, metal-can package ? 48 (nominal) acceptance angle ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? often ideal for direct mounting to printed circuit boards ? wide sensitivity ranges ? mechanically and spectrally matched to se2460 and se2470 infrared emitters benefts: photodarlington mounted in a hermetically sealed glass lensed metal- can package. directly mounts in double- sided pc boards. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. sd3410. features: to-46 metal-can package ? flat window ? 90 acceptance angle option ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? wide sensitivity ranges ? mechanically and spectrally matched to se3450/5450, se3455/5455, and se3470/5470 infrared emitters benefts: photodarlington mounted in a to-46 metal-can package. flat window- can provides a wide acceptance angle. often ideally suited for operation in hostile environments. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. 12 www.honeywell.com/sensing unless otherwise noted, potential applications include printers and copiers, motion control systems, metering systems, liquid-level sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.
www.honeywell.com/sensing 13 sd5410. features: to-46 metal-can package ? flat window ? 12 acceptance angle ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? wide sensitivity ranges ? mechanically and spectrally matched to se3450/5450, se3455/5455, and se3470/5470 infrared emitters benefts: photodarlington mounted in a to-46 metal-can package. glass-lensed can provides a narrow acceptance angle. often ideally suited for operation in hostile environments. applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. sdp8105. features: t-1 plastic package ? 20 (nominal) acceptance angle ? consistent optical properties ? mechanically and spectrally matched to sep8505 and sep8705 infrared emitters benefts: photodarlington transfer molded in a t-1 package to minimize effect of visible ambient light. transfer molding of this device provides enhanced optical centerline performance. lead lengths are staggered to provide a simple method of polarity identifcation. potential applications include presence and motion sensing, position encoding, limit sensing, movement detection, and counting. sdp8106. features: side-looking plastic package ? 50 (nominal) acceptance angle ? mechanically and spectrally matched to sep8506 and sep8706 infrared emitters benefts: photodarlington molded in a side-looking black plastic package to minimize effect of visible ambient light. chip is positioned to accept radiation through a plastic lens from the side of the package. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. photodiode detectors sd2420. features: miniature, hermetically sealed, pill-style, metal-can package ? 48 (nominal) acceptance angle ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? often ideal for direct mounting to printed circuit boards ? mechanically and spectrally matched to se2460 and se2470 infrared emitters benefts: photodiode mounted in a hermetically sealed, glass-lensed, metal- can package. directly mounts in double- sided pc boards. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. sd5421 features: to-46 metal-can package ? dome lensed package ? 18 (nominal) acceptance angle option ? enhanced response time ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? mechanically and spectrally matched to se3450/5450, se3455/5455, and se3470/5470 infrared emitters benefts: photodiode mounted in a to-46 metal-can package. employs glass-lensed cans to provide a narrow acceptance angle. often ideally suited for operation in hostile environments. potential applications include presence and motion sensing, position encoding, limit sensing, movement detection, and counting. sdp8276. features: side-looking plastic package ? linear response ? enhanced response time ? internal visible light rejection flter ? 50 (nominal) acceptance angle ? mechanically and spectrally matched to sep8506 and sep8706 infrared emitters benefts: photodiode, transfer molded in a side-looking black plastic package to minimize the effects of visible ambient light. positioned to accept radiant energy through a lens on the side of the package. often ideal for battery-powered systems or anywhere power is at a premium. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. sd1420(l). features: compact metal-can coaxial package ? 24 (nominal) beam angle ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? mechanically and spectrally matched to sd1420 photodiode, sd1440 phototransistor, and sd1410 photodarlington benefts: may have a tab or second lead welded to the can as an optional feature. leads are fexible to ft various mounting confgurations. potential applications include presence sensing, motion sensing, position encoding, limit sensing, movement detection, and counting. smd2420. features: small ceramic packages ? glass-lensed optics for effcient optical coupling ? upright or inverted mounting capability ? low profle, small size for fexible layout of multiple channels and custom arrays ? compatible with automated solder processes ? choice of photodiode or phototransistor detectors ? infrared emitter features high power dissipation capability ? tape and reel packaging option (pick/place machine compatible) benefts: lens minimizes cross-talk and often eliminates the need for apertures in non-critical applications. may be mounted on the printed circuit board, lens up or inverted, allowing fexibility in layouts for multiple channel and custom arrays. often useful in potential applications requiring linear response or high switching speed. potential applications include optical encoders for motion control, computer peripherals, vending and point-of-sale applications, smoke detectors, and medical equipment. unless otherwise noted, potential applications include printers and copiers, motion control systems, metering systems, liquid-level sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.
emitters (metal package) se1450(l). features: compact, metal-can coaxial package ? 24 (nominal) beam angle ? 935 nm wavelength ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? mechanically and spectrally matched to sd1420 photodiode, sd1440 phototransistor, and sd1410 photodarlington benefts: infrared emitter mounted in a glass-lensed, metal-can coaxial package. may have a tab or second lead welded to the can as an optional feature. leads are fexible and may be formed as required to ft various mounting confgurations. se1470(l). features: compact metal-can coaxial package ? 24 (nominal) beam angle 880 nm wavelength ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? mechanically and spectrally matched to sd1420 photodiode, sd1440 phototransistor, and sd1410 photodarlington benefts: high intensity infrared emitter mounted in a glass-lensed metal-can coaxial package. may have a tab or second lead welded to the can as an optional feature. leads are fexible to ft various mounting confgurations. exhibits 70 % greater power intensity than gaas devices at the same forward current. se2460. features: miniature, hermetically sealed, pill-style, metal-can package ? 48 (nominal) acceptance angle ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? often ideal for direct mounting to printed circuit boards ? mechanically and spectrally matched to se2460 and se2470 infrared emitters benefts: photodiode mounted in a hermetically sealed, glass-lensed, metal- can package. directly mounts in double- sided pc boards. se2470. features: miniature, hermetically sealed, pill style, metal-can package ? 18 (nominal) beam angle ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? often ideal for direct mounting to printed circuit boards ? 880 nm wavelength ? mechanically and spectrally matched to sd2420 photodiode, sd2440 phototransistor, and sd2410 photodarlington benefts: high intensity infrared emitter mounted in a hermetically sealed, glass- lensed, metal-can package. directly mounts in double-sided pc boards. exhibits 70 % greater power intensity than gaas devices at the same forward current. se3455. features: to-46 metal-can package ? flat window ? 90 beam angle ? 935 nm wavelength ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? often ideal for high pulsed current applications ? mechanically and spectrally matched to sd3421/5421 photodiode, sd3443/5443/5491 phototransistor, sd3410/5410 photodarlington, and sd5600 series schmitt trigger benefts: infrared emitter mounted in a to-46 metal-can package. flat window-can provides a wide beam angle. constructed with dual bond wires suitable for pulsed current applications. offers high power dissipation capability. often suited for operation in hostile environments. se3470. features: to-46 metal-can package ? flat window ? 90 beam angle option ? 880 nm wavelength ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? often ideal for high pulsed current applications ? mechanically and spectrally matched to sd3421/5421 photodiode, sd3443/5443/5491 phototransistor, sd3410/5410 photodarlington, and sd5600 series schmitt trigger benefts: infrared emitter mounted in a to-46 metal-can package. glass-lensed cans provide a narrow beam angle. exhibits 70% greater power output than gaas devices at the same forward current. offers high power dissipation capability and are often ideally suited for operation in hostile environments. se5455. features: to-46 metal-can package ? domed lens ? 20 beam angle ? 935 nm wavelength ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? often ideal for high pulsed current applications ? mechanically and spectrally matched to sd3421/5421 photodiode, sd3443/5443/5491 phototransistor, sd3410/5410 photodarlington, and sd5600 series schmitt trigger benefts: infrared emitter mounted in a to-46 metal-can package. glass-lensed can provides a narrow beam angle. constructed with dual bond wires suitable for pulsed current applications. offers high power dissipation capability. often suited for operation in hostile environments. se5470. features: to-46 metal-can package ? domed lens ? 20 beam angle ? 880 nm wavelength ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? often ideal for high pulsed current applications ? mechanically and spectrally matched to sd3421/5421 photodiode, sd3443/5443/5491 phototransistor, sd3410/5410 photodarlington, and sd5600 series schmitt trigger benefts: infrared emitter mounted in a to-46 metal-can package. glass-lensed can provides a narrow beam angle. exhibits 70 % greater power output than gaas devices at the same forward current. offers high power dissipation capability and are often ideally suited for operation in hostile environments. 14 www.honeywell.com/sensing unless otherwise noted, potential applications include printers and copiers, motion control systems, metering systems, liquid-level sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.
www.honeywell.com/sensing 15 emitters (plastic and ceramic package) sep8505. features: t-1 package ? 15 (nominal) beam angle ? 935 nm wavelength ? consistent on-axis optical properties ? mechanically and spectrally matched to sdp8405 phototransistor and sdp8105 photodarlington benefts: infrared emitter transfer molded in a t-1 red plastic package. transfer molding of this device provides enhanced optical centerline performance compared to other molding processes. lead lengths are staggered to provide a simple method of polarity identifcation. sep8506. features: side-emitting plastic package ? 50 (nominal) beam angle ? 935 nm wavelength ? mechanically and spectrally matched to sdp8406 phototransistor, sdp8106 photodarlington, and sdp8000/8600 series schmitt trigger benefts: infrared emitter molded in a side-emitting red plastic package. chip positioned to emit radiation through a plastic lens from the side of the package. sep8705. features: t-1 package ? 15 (nominal) beam angle ? 880 nm wavelength ? consistent optical properties ? mechanically and spectrally matched to sdp8405 phototransistor and sdp8105 photodarlington benefts: infrared emitter transfer molded in a t-1 smoke gray plastic package. transfer molding of this device assures superior optical centerline performance compared to other molding processes. exhibit 70% greater power intensity compared to gaas devices at the same forward current. lead lengths are staggered to provide a simple method of polarity identifcation. sep8706. features: side-looking plastic package ? 50 (nominal) beam angle ? 880 nm wavelength ? mechanically and spectrally matched to sdp8406 phototransistor, sdp8106 photodarlington, and sdp8000/8600 series schmitt trigger benefts: infrared emitter molded in a side-emitting, smoke-gray plastic package. chip positioned to emit radiation through a plastic lens from the side of the package. exhibits 70 % greater power intensity than gaas devices at the same forward current. sep8736. features: side-emitting, tight-beam sidelooker in a plastic package ? 10 (nominal) beam angle ? 880 nm wavelength ? enhanced coupling distance ? mechanically and spectrally matched to sdp8436 phototransistor benefts: infrared emitter molded in a side-emitting smoke-gray plastic package. body and integral lens design combines the mounting advantage of a side-emitting package with the narrow emission pattern of a t-1 style device. designed for potential applications which require longer coupling distances than standard side-emitting devices can provide, such as touch screens. infrared emitters are often well suited to potential applications in which adjacent channel crosstalk could be a problem. sme2470. features: small ceramic package ? glass-lensed optics for effcient optical coupling ? upright or inverted mounting capability ? low profle, small size for fexible layout of multiple channels and custom arrays ? compatible with automated solder processes ? choice of photodiode or phototransistor detectors ? infrared emitter features high power dissipation capability ? tape and reel packaging option (pick and place machine compatible) benefts: lens minimizes cross-talk and often eliminates the need for apertures in non-critical applications. low profle components may be mounted on the printed circuit board, lens up or inverted, allowing fexibility in layouts for multiple channel and custom arrays. high intensity infrared emitter can be used with either the smd2440 phototransistor or the smd2420 photodiode. small size and high power dissipation properties of the infrared emitter promote pc board miniaturization and high density placement. potential applications include optical encoders for motion control, computer peripherals, vending and point-of-sale applications, smoke detectors, and medical equipment. phototransistors - metal package sd1440(l). features: compact, metal-can coaxial package ? 24 (nominal) acceptance angle ? wide sensitivity ranges ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? mechanically and spectrally matched to se1450 and se1470 infrared emitters benefts: phototransistor mounted in a glass-lensed, metal-can coaxial package. may have a tab or second lead welded to the can as an optional feature. both leads are fexible and may be formed to ft various mounting confgurations. sd2440. features: miniature, hermetically sealed, pill-style, metal-can package ? 48 (nominal) acceptance angle ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? often ideal for direct mounting to double sided printed circuit boards ? wide sensitivity ranges ? mechanically and spectrally matched to se2460 and se2470 infrared emitters benefts: phototransistor mounted in a hermetically sealed glass- lensed metal- can package. unless otherwise noted, potential applications include printers and copiers, motion control systems, metering systems, liquid-level sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.
sd3443. features: to-46 metal-can package ? flat window ? 90 acceptance angle option ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? external base connection for added control ? enhanced sensitivity ? mechanically and spectrally matched to se3450/5450, se3455/5455, and se3470/5470 infrared emitters benefts: phototransistor. flat window provides wide acceptance angle. often ideally suited for operation in hostile environments. sd5443. features: to-46 metal-can package ? lensed package ? 18 (nominal) acceptance angle option ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? external base connection for added control ? enhanced sensitivity ? mechanically and spectrally matched to se3450/5450, se3455/5455, and se3470/5470 infrared emitters benefts: phototransistor. glass-lensed can provides a narrow acceptance angle. often ideally suited for operation in hostile environments. sd5491. features: to-18 metal-can package ? 12 (nominal) acceptance angle ? wide operating temperature range -55 c to 125 c [-67 f to 257 f] ? enhanced response time ? wide sensitivity ranges ? external base connection for added control ? mechanically and spectrally matched to se3450/5450, se3455/5455, and se3470/5470 infrared emitters benefts: phototransistor. biconvex lens provides high optical sensitivity with a narrow acceptance angle to enable maximum radiation coupling. often offers protection against harsh environments, as well as enhanced thermal characteristics. phototransistors - plastic and ceramic package sdp8405. features: t-1 plastic package ? 20 (nominal) acceptance angle ? consistent optical properties ? wide sensitivity ranges ? mechanically and spectrally matched to sep8505 and sep8705 infrared emitters benefts: phototransistor. transfer molding provides enhanced optical centerline performance compared to other molding processes. lead lengths are staggered to provide a simple method of polarity identifcation. sdp8406. features: side-looking plastic package ? 50 (nominal) acceptance angle ? wide sensitivity ranges ? mechanically and spectrally matched to sep8506 and sep8706 infrared emitters benefts: phototransistor molded in a side-looking clear plastic package. chip positioned to accept radiation through a plastic lens from the side of the package. sdp8436. features: side-detecting, tight-beam sidelooker in a plastic package ? 18 (nominal) acceptance angle ? enhanced coupling distance ? internal visible light rejection flter ? low profle for design fexibility ? wide sensitivity ranges ? mechanically matched to sep8736 infrared emitters benefts: phototransistor molded in a black plastic package which combines the mounting advantages of a side-looking package with the narrow acceptance angle and high optical gain of a t-1 package. designed for potential applications with longer coupling distances than standard side-looking devices, such as touch screens. often suited to potential applications in which adjacent channel cross-talk could be a problem. package is highly transmissive to the ir source energy while effectively shielding against visible ambient light. smd2440. features: small ceramic package size ? glass-lensed optics for effcient optical coupling ? upright or inverted mounting capability ? low profle, small size for fexible layout of multiple channels and custom arrays ? compatible with automated solder processes ? choice of photodiode or phototransistor detectors ? infrared emitter features high power dissipation capability ? tape and reel packaging option (pick and place machine compatible) benefts: lens minimizes cross-talk and often eliminates the need for apertures in non-critical applications. low profle components may be mounted on the printed circuit board, lens up or inverted, allowing fexibility in layouts for multiple channel and custom arrays. phototransistors gain characteristics often make it useful for potential applications requiring high responsivity. potential applications include optical encoders for motion control, computer peripherals, vending and point-of-sale applications, smoke detectors, and medical equipment. encoder detectors hlc2701. features: side-looking plastic package ? ttl/lsttl/cmos compatible ? senses speed and direction of mechanical motion ? inverting logic output ? linear or rotary encoder applications ? resolution to 0,229 mm [0.009 in] ? sensitivity versus temperature compensation ? mechanically and spectrally matched to sep8506 and sep8706 infrared emitters benefts: monolithic ic, consisting of two narrow adjacent photodiodes, amplifers, and schmitt trigger output stages. outputs are npn collectors with internal 10 kohm (nominal) pull-up resistors to vcc which can directly drive ttl loads. circuitry compensates the sensitivity for the output power versus temperature characteristics of an infrared emitter. ic is encapsulated in a molded, unlensed black 16 www.honeywell.com/sensing unless otherwise noted, potential applications include printers and copiers, motion control systems, metering systems, liquid-level sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.
plastic package which is transmissive to ir energy, yet provides shielding from visible light. often suited for the encoding function in an optical mouse. potential applications include rotary and linear encoders. hlc2705. features: side-looking plastic package ? senses speed and direction of mechanical motion ? ttl/lsttl/cmos compatible ? on-chip quadrature logic which provides tach and direction outputs ? linear or rotary encoder applications ? resolution to 0,457 mm [0.018 in] ? sensitivity versus temperature compensation ? mechanically and spectrally matched to sep8506 and sep8706 infrared emitters benefts: monolithic ic, consisting of two narrow adjacent photodiodes, amplifer stages, and quadrature logic which provides two outputs: one fxed duration and a direction output. sensitivity compensation circuity for the output power versus temperature characteristic of an infrared emitter. ic is encapsulated in a molded, unlensed black plastic package which is transmissive to ir energy, yet provides shielding from visible light. direction output is a totem- pole confguration. often suited for the encoding function in an optical mouse. potential applications include rotary and linear encoders. transmissive encoders hoa0901. features: dual channel ic detector and infrared emitter encased in black thermoplastic housing ? direct ttl interface ? inverting logic output ? resolution to 0,229 mm [0.009 in] ? internal temperature compensation ? 3,2 mm [0.126 in] slot width ? two mounting confgurations and housing styles available benefts: detector generates two output signals which can be processed to provide speed and direction information. monolithic ic which consists of two narrow adjacent photodiodes, amplifers, and schmitt trigger output stages. outputs are npn collectors with internal 10 kohm (nominal) pull-up resistors to vcc which are capable of directly driving ttl loads. incorporates circuitry to compensate the sensitivity for the output power vs. temperature characteristic of the infrared emitter. used with an interrupter strip or disk (code wheel) to encode the rate and direction of mechanical motion. potential applications include linear and rotary encoders; it is often suited for the encoding function in an optical mouse. hoa0902. features: dual channel ic and infrared emitter encased in black thermoplastic housing ? direct ttl interface ? resolution to 0.457 mm [0.018 in] ? internal temperature compensation ? 3.2 mm [0.126 in] slot width ? two mounting confgurations benefts: monolithic ic which consists of two narrow adjacent photodiodes, amplifers stages, and quadrature logic circuitry which provides two outputs: a fxed-duration and a direction output. tachometer output is an npn collector which is internally connected to vcc through a 10 kohm (nominal) resistor; the direction output is a totem-pole confguration. incorporates circuitry to compensate the sensitivity for the output power vs. temperature characteristic of the infrared emitter. used with an interrupter strip or disk (code wheel) to encode the rate and direction of mechanical motion. potential applications include linear and rotary encoders; it is often suited for the encoding function in an optical mouse. unless otherwise noted, potential applications include printers and copiers, motion control systems, metering systems, liquid-level sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment. www.honeywell.com/sensing 17
sensing and control automation and control solutions honeywell 1985 douglas drive north golden valley, mn 55422 usa +1-815-235-6847 www.honeywell.com/sensing 006494-6-en il50 glo february 2012 copyright ? 2012 honeywell international inc. all rights reserved. warranty. honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowledgement or consult your local sales offce for specifc warranty details. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace, at its option, without charge those items it fnds defective. the foregoing is buyers sole remedy and is in lieu of all warranties, expressed or implied, including those of merchantability and ftness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indirect damages. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. specifcations may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. for more information about sensing and control products, visit www.honeywell. com/sensing or call +1-815-235-6847 email inquiries to info.sc@honeywell.com


▲Up To Search▲   

 
Price & Availability of HOA088X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X